Part Number Hot Search : 
LT1996 12232 CFRB207 TT744N2 692AES V24A15M2 MSC23 70475
Product Description
Full Text Search
 

To Download DNT24MCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page1of7 ? 2012 by rf monolithics, inc. DNT24MCA/mpa - 09/26/12 DNT24MCA dnt24mpa rating value units power supply input -0.5 to +6.5 v all input/output pins -0.5 to +3.3 v input power to rfio port 0 dbm DNT24MCA/mpa absolute maximum ratings DNT24MCA/mpa electrical characteristics characteristic sym notes minimum typical maximum units rf communication topology direct peer-to-peer spread spectrum mode frequency hopping operating frequency range 2406 2475 mhz number of rf channels 1 15 number of hopping patterns 64 hop duration 1 8 100 ms modulation fsk rf data transmission rate 250 kbps packet transmission time including fhss synchronization and acknowledgement 16 ms receiver sensitivity @ 10 -5 ber -100 dbm transmitter rf output power 1 10 or 63 mw mw antenna dielectric chip antenna low cost 2.4 ghz fhss transceiver modules with i/o the DNT24MCA and dnt24mpa fhss transceiver modules provide a low-cost, versa - tile solution for wireless data communications in the 2.4 ghz ism band. direct peer-to- peer communication provides very low transmission latency between all modules in a network. the DNT24MCA/mpa rf output power can be set at 10 or 63 mw. the DNT24MCA/mpa modules include analog, digital and serial i/o, providing the flexibility to serve applications ranging from cable replacements to sensor networks. the built-in chip antenna makes these modules very easy to integrate. - 2.4 ghz frequency hopping spread spectrum transceivers - direct peer-to-peer low latency communication - transmitter rf power configurable - 10 or 63 mw - built-in chip antenna - 250 kbps rf data rate - serial port data rate up to 250 kbps, spi port data rate up to 500 kbps - 128-bit aes encryption - separate serial port for diagnostics - analog and digital i/o for sensor applications - fcc, canadian ic and etsi certified for unlicensed operation
notes: 1. the DNT24MCA/mpa achieves regulatory certification under fhss rules. 2. maximum sleep current occurs at +85 o c. www.rfm.com e-mail: info@rfm.com page2of7 ? 2012 by rf monolithics, inc. DNT24MCA/mpa - 09/26/12 characteristic sym notes minimum typical maximum units adc input range 0 2.7 v adc input resolution 12 bits adc sample rate 100 hz signal source impedance for adc reading 10 k adc external reference voltage range 1.0 2.7 v dac output range 0 3.3 v dac output resolution 12 bits primary and diagnostic serial port baud rates 1.2, 2.4, 4.8, 9.6, 14.4, 19.2, 28.8, 38.4, 57.6, 115.2, 230.4, 250.0 kbps master serial peripheral interface data rate 125 250 500 kbps slave serial peripheral interface data rate 4000 kbps digital i/o: logic low input level -0.5 0.8 v logic high input level 2.45 3.3 v logic input internal pull-up resistor 20 k power supply voltage range v cc +3.3 +5.5 vdc power supply voltage ripple 10 mv p-p peak transmit mode current, 63 mw output 140 ma operating receive current 40 ma sleep current 2 3 6 a DNT24MCA mounting reflow soldering dnt24mpa mounting socket operating temperature range -40 85 o c operating relative humidity range, non-condensing 10 90 % DNT24MCA/mpa electrical characteristics caution: electrostatic sensitive device. observe precautions when handling.
DNT24MCA/mpa hardware the major components of the DNT24MCA/mpa in- clude a 2.4 ghz fhss transceiver and a low current 8-bit microcontroller. the DNT24MCA/mpa hops across 15 frequency channels in the 2.4 ghz ism band on one of 64 selectable hopping patterns. the DNT24MCA/mpa has two selectable rf output power levels: 10 mw and 63 mw. the built-in chip antenna makes these modules very easy to integrate. the DNT24MCA/mpa provides a variety of hardware interfaces. there are two serial ports plus one spi port. either the primary serial port or the spi port can be selected for data communications. the second se - rial port is dedicated to diagnostics. the primary and diagnostic serial ports support most standard baud rates up to 250.0 kbps. the spi port supports data rates up to 500 kbps. the DNT24MCA/mpa also in - cludes three adc inputs, two dac outputs, and six general-purpose digital i/o ports. four of the digital i/o ports support an optional interrupt-from-sleep mode when configured as inputs. the radio is available in two mounting configurations. the DNT24MCA is de - signed for solder reflow mounting. the dnt24mpa is designed for plug-in connector mounting. DNT24MCA/mpa firmware DNT24MCA/mpa firmware implements direct peer- to-peer data transmissions that provide very low trans - mission latency between all DNT24MCA/mpa radios in a network. in addition, efficient point-to-point and point-to-multipoint networks are readily configured using direct peer-to-peer transmissions. DNT24MCA/mpa firmware provides the user with a rich set of configuration options including a choice of hopping patterns, serial and/or spi data port opera - tion, serial and spi data rate selection, rf output power selection, plus configurable analog and digital i/o lines. data integrity is protected by 24-bit error detection, with optional ack and automatic transmission retries or redundant transmissions. 128-bit aes encryption provides a high level of data security for sensitive applications. sensor networks can take advantage of timer or event-based data reporting and remote node sleep cycling for extended battery life. www.rfm.com e-mail: info@rfm.com page3of7 ? 2012 by rf monolithics, inc. DNT24MCA/mpa - 09/26/12                
   
            
     
                              ! 
   " !  #     $ %  # &  ' (    $ %  # & " ' ( #  % )  "  % ) &  ' "  % ) & " ' #  % )
 $  * ) +  &   + ( #  % )  $  * ) +  & "  + (    #  % )  #  % )  #  % )   $  , (    ,   # #  " - + -      % + )  ) + %  + + +  . /  0  , & ) 1    & - '  & " - 2    3  0   ,       # # " + ,  0
 # * 4     5  !  6 !  % " 7  % " 7    . /     . . & . )  / +  / + % + )  + + &     + + &  ) 2 % # " + , " + , " 2 % )   "   "  8 "  " - 2   !   9  :   !    figure 1
pin name i/o description 1 gnd - power supply and signal ground. connect to the host circuit board ground. 2 act (diag_tx) o (o) this pin?s default configuration is transmitter activity (act) output. the act signal is asserted whenever any data packet other than just an ack is transmitted. the alternate function for this pin is the diagnostic serial port output. 3 /dcd (diag_rx) o (i) the /dcd signal is asserted when a dnt24ma receives a valid packet. if a radio is transmitting data and receiving acks, both the act and /dcd signals will be asserted. if a radio is receiving packets only, the /dcd signal will be asserted. the alternate function for this pin is the diagnostic serial port input. 4 gpio0 i/o configurable digital i/o port 0. when configured as an input, an internal pull-up resistor can be selected and direct interrupt from sleep can be invoked. when configured as an output, the power-on state is configurable. in sleep mode the pin direction, input pull-up selection or output state are also separately configurable. 5 radio_txd o serial data output from the radio. 6 radio_rxd i serial data input to the radio. 7 gpoi4 (/host_cts) i/o (o) default pin function is gpio4 with the same configuration options as gpio0. alternate pin function is uart/spi flow control output. the module sets this line low when it is ready to accept data from the host on the radio_rxd or mosi input. when the line goes high, the host must stop sending data. 8 gpoi5 ( /host_rts) i/o (i) default pin function is gpio5 with the same configuration options as gpio0. alternate pin function is uart/spi flow control input. the host sets this line low to allow data to flow from the module on the radio_txd pin. when the host sets this line high, the module will stop sending data to the host. 9 dac0 o 12-bit dac 0 output. full scale output can be referenced to the voltage at pin 25 or the 3.3 v regulated module bus voltage. 10 gpio2 i/o configurable digital i/o port 2. same configuration options as gpio0. 11 gpio1 i/o configurable digital i/o port 1. same configuration options as gpio0. 12 gpio3 (dav) i/o (o) default pin function is gpio3 with the same configur ation options as gpio0. when spi slave mode oper- ation is enabled, a logic high on this pin indicates when data is available to be clocked out by the spi master. 13 dac1 o 12-bit dac 1 output. same specifications and configuration options as dac0. 14 vcc i power supply input, +3.3 to +5.5 vdc. 15 gnd - power supply and signal ground. connect to the host circuit board ground. 16 gnd - power supply and signal ground. connect to the host circuit board ground. 17 /reset i active low module hardware reset. 18 adc0 i adc input 0. this pin is a direct adc input when the adc is operating in single-ended mode, or the differ - ential negative input for positive inputs applied to adc1 or adc2 when the adc is operating in differential mode. full-scale reading can be referenced to pin 25 for ratiometric measurements. for absolute mea - surements, the adc can use either the regulated supply voltage divided by 1.6 (about 2.06 v), or an ex - ternal voltage applied to pin 25. in single-ended mode, adc measurements are 11-bit unsigned values with full scale nominally 2.7 v when referenced to a 2.7 v input on pin 27. in differential mode, adc mea - surements are 12-bit signed values. 19 adc1 i adc input 1. direct input when the adc is operating in single-ended mode, positive differential input rela - tive to adc0 when the adc is operating in differential mode. 20 miso i/o this pin is the spi master mode input or slave mode output. 21 mosi i/o this pin is the spi master mode output or slave mode input. 22 /ss i/o spi active low slave select. this pin is an output when the module is operating as a master, and an input when it is operating as a slave. 23 sclk i/o spi clock signal. this pin is an output when operating as a master, and an input when operating as a slave. www.rfm.com e-mail: info@rfm.com page4of7 2012 by rf monolithics, inc. DNT24MCA/mpa - 09/26/12 DNT24MCA/mpa i/o descriptions
pin name i/o description 24 adc2 i adc input 2. direct input when the adc is operating in single-ended mode, positive differential input rela - tive to adc0 when the adc is operating in differential mode. 25 adc_ext_ ref i/o adc external reference voltage pin. the voltage at this pin can be used by the adcs as a reference for ratiometric measurements. with no external voltage or load applied, this pin presents a nominal 2.7 v out - put through a 2.126 k source resistance. a low impedance external reference voltage in the range of 1 to 2.7 v may be applied to this pin as an option. 26 rsvd - reserved pin. leave unconnected. 27 rsvd - reserved pin. leave unconnected. 28 gnd - connect to the host circuit board ground plane. 29 rsvd - reserved pin. leave unconnected. 30 gnd - connect to the host circuit board ground plane. www.rfm.com e-mail: info@rfm.com page5of7 ? 2012 by rf monolithics, inc. DNT24MCA/mpa - 09/26/12
www.rfm.com e-mail: info@rfm.com page6of7 ? 2012 by rf monolithics, inc. DNT24MCA/mpa - 09/26/12  0   $   0   (    0    $ 
0   (  
    ) ;    !    <    ;        !  5    5  0    $  0   (    :  ,  ! =  0   $  0   (       !  5    5        9 ! 5  $   (  0
  $   0
 (  0    $  0   (   !    figure 2  0   $  0  (  0    $   0   (   0    $ 
0   (  
    +   < !     <    !  5    5  0    $  0   (    :  ,  ! =       !  5    5        9 ! 5  $   (  0    $  0   (   0 
 $  0
 ( figure 3
www.rfm.com e-mail: info@rfm.com page7of7 ? 2012 by rf monolithics, inc. DNT24MCA/mpa - 09/26/12 note: specifications subject to change without notice. part # m-0024-0000ma rev a  0   $  0  (  0   $   0   (   0    $   0 
(  
    ) ;    !    <    ;        !  5    5  0    $  0   (    :  ,  ! =  0   $  0   (       !  5    5        9 ! 5  $   (  0
  $   0
 (  0   $ 0   (  0    $ 
0   (  0    $  0   (   !    figure 4  0    $ 
0  (  0   $  0   (  0    $   0  (  0    $  0
(  0    $   0  (  
    %  !  >   !      !        .  ?  ;  !        !    5    !  +    -  + .  @   @   @ # @ +    - a ;  6   !    !  5    5    !        9 ! 5  $   ( figure 5


▲Up To Search▲   

 
Price & Availability of DNT24MCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X